Part Number Hot Search : 
HE017A 28F128 IPB065N TK10416M PWR5904C W15NK50Z SM1200B 2SD201
Product Description
Full Text Search
 

To Download BZX55C12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONGQING PINGYANG ELECTRONICS CO.,LTD.
BZX55C2V4 THRU BZX55C75
SILICON PLANAR ZENER DIODES FEATURES
*Voltage Range: 2.7V to 75V *Double siug type construction
DO-41
1.0(25.4) MIN. .205(5.2) .166(4.2) .034(0.9) .028(0.7)
DIA. DIA.
MECHANICAL DATA
*Case: Molded plastic *Epoxy: UL94V-0 rate flame retardant *Lead: MIL-STD- 202E, Method 208 guaranteed *Polarity:Color band denotes cathode end *Mounting position: Any *Weight: 0.33 grams
.107(2.7) .080(2.0) 1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%.
Absolute Maximum Ratings (Ta=25C)
SYMBOL
VALUE 0.51) 150
units
W C
Zener Current see Table "Characterstics" Power Dissipation at Tamb=25C Junction Temperature
1)
Ptot TJ
Valid provided that leads at a distance of 8 mm form case are kept at ambient temperature.
Characteristics at Tamb=25C
SYMBOL
Min. --
Typ. --
Max. 1.2
units
V
Forward Voltage at IF=250mA
VF
Valid provided that leads at a distance of 8 mm form case are kept at ambient temperature.
PDF "pdfFactory Pro" www.fineprint.cn
CHONGQING PINGYANG ELECTRONICS CO.,LTD. SILICON PLANAR POWER ZENER DIODES
Zener Voltage range1) TYPE Vznom V
BZX55C2V4 BZX55C2V7 BZX55C3V0 BZX55C3V3 BZX55C3V6 BZX55C3V9 BZX55C4V3 BZX55C4V7 BZX55C5V1 BZX55C5V6 BZX55C6V2 BZX55C6V8 BZX55C7V5 BZX55C8V2 BZX55C9V1 BZX55C10 BZX55C11 BZX55C12 BZX55C13 BZX55C15 BZX55C16 BZX55C18 BZX55C20 BZX55C22 BZX55C24 BZX55C27 BZX55C30 BZX55C33 BZX55C36 BZX55C39 BZX55C43 BZX55C47 BZX55C51 BZX55C56 BZX55C62 BZX55C68 BZX55C75 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75
Dynamic recsistance rZJT3)
mA 85 85 85 85 85 85 75 60 35 25 10 8.0 7.0 7.0 10 15 20 20 26 30 40 50 55 55 80 80 80 80 80 90 90 110 125 135 150 200 250 IZM @ TA
IZT mA
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5
for VZT V2)
2.28 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 2.56 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 79
Reverse leakage current 2) IR at VR A
50 10 4 2 2 2 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
Max. Zener Current IZM @ TA4) mA 155 135 125 115 105 95 90 85 80 70 64 58 53 47 43 40 36 32 29 27 24 21 20 18 16 14 13 12 11 10 9.2 8.5 7.8 7 6.4 5.9 5.3
600 600 600 600 600 600 600 600 550 450 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 220 220 220 220 500 600 700 700 1000 1000 1000 1500
mA
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
V
1 1 1 1 1 1 1 1 1 1 2 3 5 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56
PDF "pdfFactory Pro" www.fineprint.cn
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
1) 2)
Tested with pulses tp=20 ms. Tolerance designation -- The type numbers listed have zener voltage min/max limits as shown. Device tolerance of 2%
are indicated by a "B" instead of a "C". Zener voltage is measured with the device junction in thermal equilibrium at the lead temperature of 30C 1C and 3/8, lead length.
3)
ZZT and ZZK are measured by dividing the ac voltage drop across the device by the ac current applied. The specified
limtis are for IZ(ac) = 0.1 IZ(dc) with the ac frequency = 1.0 kHz.
4)
This data was calculated using nominal voltages. The maximum current handling capability on a worst case basis is
limited by the actual zener voltage at the operating point and the power derating curve.
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of BZX55C12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X